Part Number Hot Search : 
1202A MR2402FR L2791 STM32 SOE339 STM32 4518BD 243CA
Product Description
Full Text Search
 

To Download 2SK2415 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK2415
IC MOSFET
Features
Low On-Resistance RDS(on)1 = 0.10 RDS(on)2 = 0.15 MAX. (@ VGS = 10 V, ID = 4.0A) MAX. (@ VGS = 4 V, ID = 4.0 A)
+0.15 6.50-0.15 +0.2 5.30-0.2
TO-252
+0.15 1.50-0.15
+0.1 2.30-0.1 +0.8 0.50-0.7
Unit: mm
Low Ciss Ciss = 570 pF TYP.
+0.2 9.70-0.2
+0.1 0.80-0.1
+0.15 0.50-0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
1 Gate 2 Drain 3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Symbol VDSS VGSS ID Idp * PD Tch Tstg Rating 60 20 8.0 32 20 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS Testconditons VDS=60V,VGS=0 VGS= 20V,VDS=0 1.0 5.0 1.6 8.4 0.07 0.10 570 VDS=10V,VGS=0,f=1MHZ 290 75 5 ID=4A,VGS(on)=10V,RG=10 ,VDD=30V 60 75 40 0.10 0.15 pF pF pF ns ns ns ns Min Typ Max 10 10 2.0 Unit A A V S
VGS(off) VDS=10V,ID=1mA Yfs RDS(on) Ciss Coss Crss ton tr toff tf VDS=10V,ID=4A VGS=10V,ID=4A VGS=4V,ID=4A
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK2415

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X